Part Number Hot Search : 
UC384 FS52N15 S05K230 DS1922T E101M S6022 RBM2S PNX7850
Product Description
Full Text Search
 

To Download P6DG-244R8E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
P6DG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
Available Inputs: 5, 12 and 24 VDC Available Outputs: 3.0, 3.3, 5, 9, 12 and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range +/- 10 % Filter Capacitors Isolation Specifications Rated voltage 1000 VDC Resistance 109 Ohm Capacitance 60 pF typ. Output Specifications Voltage accuracy +/- 2 % Ripple and noise (at 20 MHz BW) 50 mV p-p, max. Short circuit protection Short term Line voltage regulation +/- 0,5 % max. (3.3 VDC output +/- 1% max.) Load voltage regulation +/- 0,5 % typ., +/- 1% max. (no load/full load) Temperature coefficient +/- 0,02 % / C General Specifications Efficiency 58 % to 66 % Switching frequency 70 KHz, typ. Environmental Specifications Operating temperature (ambient) - 40 C to + 85 C Storage temperature - 55 C to + 125 C Derating See graph Humidity Up to 90 %, non condensing Cooling Free air convection Physical Characteristics Dimensions DIP 20,32 x 10,16 x 6,88 mm 0,80 x 0,40 x 0,27 inches Weight 2,0 g Case material Non conductive black plastic
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P6DG-0503E P6DG-053R3E P6DG-054R8E P6DG-0505E P6DG-0509E P6DG-0512E P6DG-1203E P6DG-123R3E P6DG-124R8E P6DG-1205E P6DG-1209E P6DG-1212E P6DG-2403E P6DG-243R3E P6DG-244R8E P6DG-2405E P6DG-2409E P6DG-2412E
5 5 5 5 5 5 12 12 12 12 12 12 24 24 24 24 24 24
20 22 25 28 32 45 15 15 15 16 16 22 8 8 7 7 10 10
200 220 318 312 312 312 83 92 133 130 123 123 43 47 64 64 63 63
3 3,3 4,85 5 9 12 3 3,3 4,85 5 9 12 3 3,3 4,85 5 9 12
200 200 200 200 111 84 200 200 200 200 111 84 200 200 200 200 111 84
60 60 61 63 64 64 60 60 61 64 68 68 58 58 63 65 66 66
P6DG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
Dimensions
15.24 (0.60) 0.25 (0.01)
1
7
7.62 (0.30)
Bottom View
14 8
6.88 (0.27)
2.54 (0.10)
0.50 (0.02) 20.32 (0.80)
PEAK
Modelcode
Datecode 10.16 (0.40)
3.05 (0.12)
All dimensions are typical in millimeters (inches). Tolerance x.xx = +/- 0.30 (+/- 0.01) Specification may change without notice. Pin length is typical.
Derating Graph and Pinning
Output in W
Temperature Derating Graph
Ambient Temperature C 85
1.50 1.25 1.00 0.75 0.60
Pin # 1 7 8 9 10 11 14
Connection Single - V Input N. C. Omitted + V Output Omitted - V Output + V Input
Safe operating area
- 40 0 40 80 100
If specification prior to this data sheet is needed, please enquire. Specification can be changed without notice.
REV:A / 06.2003
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P6DG-244R8E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X